|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Philips Semiconductors Product specification PowerMOS Transistor Logic level FET GENERAL DESCRIPTION N-channel enhancement mode logic level field-effect power transistor in a plastic envelope. The device is intended for use in Switched Mode Power Supplies (SMPS), motor control, welding, DC/DC and AC/DC converters, and in automotive and general purpose switching applications. BUK563-80B QUICK REFERENCE DATA SYMBOL VDS ID Ptot Tj RDS(ON) PARAMETER Drain-source voltage Drain current (DC) Total power dissipation Junction temperature Drain-source on-state resistance VGS = 5 V MAX. 80 16 75 175 0.155 UNIT V A W C PINNING - SOT404 PIN 1 2 3 mb gate drain source drain DESCRIPTION PIN CONFIGURATION mb SYMBOL d g 2 1 3 s LIMITING VALUES Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL VDS VDGR VGS ID ID IDM Ptot Tstg Tj PARAMETER Drain-source voltage Drain-gate voltage Gate-source voltage Drain current (DC) Drain current (DC) Drain current (pulse peak value) Total power dissipation Storage temperature Junction temperature CONDITIONS RGS = 20 k Tmb = 25 C Tmb = 100 C Tmb = 25 C Tmb = 25 C MIN. - 55 MAX. 80 80 15 16 11 64 75 175 175 UNIT V V V A A A W C C THERMAL RESISTANCES SYMBOL Rth j-mb Rth j-a PARAMETER Thermal resistance junction to mounting base Thermal resistance junction to ambient CONDITIONS TYP. minimum footprint, FR4 board (see Fig. 18) 50 MAX. 1.2 UNIT K/W K/W February 1996 1 Rev 1.000 Philips Semiconductors Product specification PowerMOS Transistor Logic level FET STATIC CHARACTERISTICS Tj = 25 C unless otherwise specified SYMBOL V(BR)DSS VGS(TO) IDSS IDSS IGSS RDS(ON) PARAMETER Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current Zero gate voltage drain current Gate source leakage current Drain-source on-state resistance CONDITIONS VGS = 0 V; ID = 0.25 mA VDS = VGS; ID = 1 mA VDS = 80 V; VGS = 0 V; Tj = 25 C VDS = 80 V; VGS = 0 V; Tj =125 C VGS = 15 V; VDS = 0 V VGS = 5 V; ID = 8 A MIN. 80 1.0 - BUK563-80B TYP. 1.5 1 0.1 10 0.13 MAX. 2.0 10 1.0 100 0.155 UNIT V V A mA nA DYNAMIC CHARACTERISTICS Tj = 25 C unless otherwise specified SYMBOL gfs Ciss Coss Crss td on tr td off tf Ld Ls PARAMETER Forward transconductance Input capacitance Output capacitance Feedback capacitance Turn-on delay time Turn-on rise time Turn-off delay time Turn-off fall time Internal drain inductance Internal source inductance CONDITIONS VDS = 25 V; ID = 8 A VGS = 0 V; VDS = 25 V; f = 1 MHz VDD = 30 V; ID = 3 A; VGS = 5 V; RGS = 50 ; Rgen = 50 Measured from upper edge of drain tab to centre of die Measured from source lead solder point to source bond pad MIN. 6.5 TYP. 9.0 700 240 130 20 95 80 65 2.5 7.5 MAX. 825 350 160 30 120 110 85 UNIT S pF pF pF ns ns ns ns nH nH REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS Tj = 25 C unless otherwise specified SYMBOL IDR IDRM VSD trr Qrr PARAMETER Continuous reverse drain current Pulsed reverse drain current Diode forward voltage Reverse recovery time Reverse recovery charge CONDITIONS IF = 16 A ; VGS = 0 V IF = 16 A; -dIF/dt = 100 A/s; VGS = 0 V; VR = 30 V MIN. TYP. 1.3 120 0.15 MAX. 16 64 1.7 UNIT A A V ns C AVALANCHE LIMITING VALUE SYMBOL WDSS PARAMETER Drain-source non-repetitive unclamped inductive turn-off energy CONDITIONS ID = 16 A ; VDD 40 V ; Tmb = 25 C; VGS = 5 V ; RGS = 50 MIN. TYP. MAX. 45 UNIT mJ February 1996 2 Rev 1.000 Philips Semiconductors Product specification PowerMOS Transistor Logic level FET BUK563-80B 120 110 100 90 80 70 60 50 40 30 20 10 0 PD% Normalised Power Derating 1E+01 Zth j-mb / (K/W) ZTHX53 1E+00 0.5 0.2 0.1 0.05 0.02 0 P D tp D= tp T t 1E-01 T 0 20 40 60 80 100 Tmb / C 120 140 160 180 1E-02 1E-07 1E-05 1E-03 t/s 1E-01 1E+01 Fig.1. Normalised power dissipation. PD% = 100PD/PD 25 C = f(Tmb) ID% Normalised Current Derating Fig.4. Transient thermal impedance. Zth j-mb = f(t); parameter D = tp/T ID / A VGS / V = 40 5 30 20 10 0 4 10 7 BUK5y3-80B 120 110 100 90 80 70 60 50 40 30 20 10 0 50 3 0 20 40 60 80 100 Tmb / C 120 140 160 180 0 2 4 VDS / V 6 8 10 Fig.2. Normalised continuous drain current. ID% = 100ID/ID 25 C = f(Tmb); conditions: VGS 5 V Fig.5. Typical output characteristics, Tj = 25 C. ID = f(VDS); parameter VGS RDS(ON) / Ohm 2.5 3 3.5 4 4.5 5 VGS / V = 0.2 7 0.1 10 0 0 20 ID / A 40 BUK5y3-80B 100 ID / A VD S /ID BUK553-80B 0.5 0.4 0.3 RD S( ) ON = tp = 10 us 100 us 1 ms 10 ms 100 ms 10 DC 1 0.1 1 10 VDS / V 100 1000 Fig.3. Safe operating area. Tmb = 25 C ID & IDM = f(VDS); IDM single pulse; parameter tp Fig.6. Typical on-state resistance, Tj = 25 C. RDS(ON) = f(ID); parameter VGS February 1996 3 Rev 1.000 Philips Semiconductors Product specification PowerMOS Transistor Logic level FET BUK563-80B 50 40 ID / A BUK5y3-80B 2 VGS(TO) / V max. Tj / C = 30 20 10 0 25 150 typ. 1 min. 0 0 2 4 VGS / V 6 8 10 -60 -20 20 60 Tj / C 100 140 180 Fig.7. Typical transfer characteristics. ID = f(VGS) ; conditions: VDS = 25 V; parameter Tj gfs / S BUK5y3-80B Fig.10. Gate threshold voltage. VGS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS ID / A SUB-THRESHOLD CONDUCTION 12 10 8 1E-01 1E-02 2% 98 % 1E-03 typ 6 1E-04 4 2 0 0 20 ID / A 40 1E-05 1E-06 0 0.4 0.8 1.2 VGS / V 1.6 2 2.4 Fig.8. Typical transconductance, Tj = 25 C. gfs = f(ID); conditions: VDS = 25 V a Normalised RDS(ON) = f(Tj) Fig.11. Sub-threshold drain current. ID = f(VGS); conditions: Tj = 25 C; VDS = VGS C / pF BUK5y3-100 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 10000 1000 Ciss 100 Coss Crss -60 -20 20 60 Tj / C 100 140 180 10 0 20 VDS / V 40 Fig.9. Normalised drain-source on-state resistance. a = RDS(ON)/RDS(ON)25 C = f(Tj); ID = 8 A; VGS = 5 V Fig.12. Typical capacitances, Ciss, Coss, Crss. C = f(VDS); conditions: VGS = 0 V; f = 1 MHz February 1996 4 Rev 1.000 Philips Semiconductors Product specification PowerMOS Transistor Logic level FET BUK563-80B 12 10 8 6 4 2 0 VGS / V BUK5y3-80B 120 110 100 90 80 70 60 50 40 30 20 10 0 WDSS% VDS / V = 16 64 0 2 4 6 8 10 12 QG / nC 14 16 18 20 20 40 60 80 100 120 Tmb / C 140 160 180 Fig.13. Typical turn-on gate-charge characteristics. VGS = f(QG); conditions: ID = 16 A; parameter VDS IF / A BUK5y3-80B Fig.15. Normalised avalanche energy rating. WDSS% = f(Tmb); conditions: ID = 16 A 50 + 40 VDD L VDS 30 VGS 20 -ID/100 T.U.T. R 01 shunt 0 10 Tj / C = 150 0 0 1 VSDS / V 2 25 RGS Fig.14. Typical reverse diode current. IF = f(VSDS); conditions: VGS = 0 V; parameter Tj Fig.16. Avalanche energy test circuit. 2 WDSS = 0.5 LID BVDSS /(BVDSS - VDD ) February 1996 5 Rev 1.000 Philips Semiconductors Product specification PowerMOS Transistor Logic level FET MECHANICAL DATA Dimensions in mm Net Mass: 1.4 g 10.3 max 4.5 max 1.4 max BUK563-80B 11 max 15.4 2.5 0.85 max (x2) 2.54 (x2) 0.5 Fig.17. SOT404 : centre pin connected to mounting base. MOUNTING INSTRUCTIONS Dimensions in mm 11.5 9.0 17.5 2.0 3.8 5.08 Fig.18. SOT404 : soldering pattern for surface mounting. Notes 1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent damage to MOS gate oxide. 2. Epoxy meets UL94 V0 at 1/8". February 1996 6 Rev 1.000 Philips Semiconductors Product specification PowerMOS Transistor Logic level FET DEFINITIONS Data sheet status Objective specification Product specification Limiting values BUK563-80B This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later. Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1996 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. February 1996 7 Rev 1.000 |
Price & Availability of BUK563-80B |